Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0556591819 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0556591819
Description  1.25mm (.049") Pitch Mini Mi II??Wire-to-Wire Adapter, Dual Row, 18 Circuits, Leadfree
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0556591819 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0556591819 Datasheet HTML 1Page - Molex Electronics Ltd. 0556591819 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0556591819
Status:
Active
Overview:
mini_mi_ii
Description:
1.25mm (.049") Pitch Mini Mi II™ Wire-to-Wire Adapter, Dual Row, 18 Circuits, Lead-
free
Documents:
3D Model
Product Specification PS-55659-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
55659
Comments
For Panel Mounting
Component Type
Adapter
Overview
mini_mi_ii
Product Name
Mini Mi II™
Physical
Circuits (Loaded)
18
Color - Resin
Natural
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Temperature Range - Operating
-20°C to +80°C
Electrical
Current - Maximum per Contact
1.5A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-55659-001
Product Specification
PS-55659-005
Sales Drawing
SD-55659-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55659Series
Use With
54596
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0556591819

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0556591839 MOLEX7-0556591839 Datasheet
123Kb / 2P
   1.25mm (.049") Pitch Mini Mi II??Wire-to-Wire Adapter, Dual Row, without PanelMount Clip, 18 Circuits, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com