Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0559092274 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0559092274
Description  0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual RowVertical Stacking, 1.50mm (.059") Stacking Height, Lead-free, 22 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0559092274 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0559092274 Datasheet HTML 1Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 2Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 3Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 4Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 5Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 6Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 7Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 8Page - Molex Electronics Ltd. 0559092274 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0559092274
Status:
Active
Overview:
slimstack_mm016_pitch
Description:
0.40mm (.016") Pitch Board-to-Board SlimStack™ Plug, Surface Mount, Dual Row,
Vertical Stacking, 1.50mm (.059") Stacking Height, Lead-free, 22 Circuits
Documents:
3D Model
Product Specification PS-51338-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
55909
Application
Board-to-Board
Comments
Solder Tab Plating: Tin
Overview
slimstack_mm016_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
22
Circuits (maximum)
22
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.059 In
Mated Height (mm)
1.50 mm
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.020 In
PC Tail Length (mm)
0.50 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
4
Plating min: Termination (µm)
0.1
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
50V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55909Series
Mates With
51338 Board-to-Board SlimStack™
Receptacle


Similar Part No. - 0559092274

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0559092474 MOLEX7-0559092474 Datasheet
565Kb / 9P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual Row Vertical Stacking, Lead-free, 24 Circuits
0559092674 MOLEX7-0559092674 Datasheet
565Kb / 9P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual RowVertical Stacking, 1.50mm (.059") Stacking Height, Lead-free, 26 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com