Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0508567412 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0508567412
Description  Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, StudSize 8 (M4), Oxygen Free Copper, Length 18.30mm (.720")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0508567412 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0508567412 Datasheet HTML 1Page - Molex Electronics Ltd. 0508567412 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0508567412

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0508567025 MOLEX7-0508567025 Datasheet
94Kb / 2P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, StudSize 8 (M4), Oxygen Free Copper, Length 15.80mm (.622")
0508567125 MOLEX7-0508567125 Datasheet
94Kb / 2P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10, Oxygen Free Copper, Length 27.30mm (1.075")
0508567225 MOLEX7-0508567225 Datasheet
94Kb / 2P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, StudSize 1/2" (M12), Oxygen Free Copper, Length 32.00mm (1.260")
0508567512 MOLEX7-0508567512 Datasheet
93Kb / 2P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, StudSize 10 (M5), Oxygen Free Copper, Length 18.80mm (.740")
0508567812 MOLEX7-0508567812 Datasheet
93Kb / 2P
   Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5/8" (M16), Oxygen Free Copper, Length 48.00mm (1.890")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com