Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54334-2070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54334-2070
Description  CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire/Panel Mount Female Terminal, Signal, 20 Circuits, Polarization Type Standard, Lead Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54334-2070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54334-2070 Datasheet HTML 1Page - Molex Electronics Ltd. 54334-2070 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0543342070
Status:
Active
Overview:
crc_compact_robotic_connectors
Description:
CRC™ Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire/Panel Mount,
Female Terminal, Signal, 20 Circuits, Polarization Type Standard, Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51238-018 (PDF)
General
Product Family
I/O Connectors
Series
54334
Application
Panel-Mount, Wire-to-Wire
Component Type
Kit
Overview
crc_compact_robotic_connectors
Product Name
CRC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
20
Color - Resin
Black, Gray
Durability (mating cycles max)
100
Gender
Female
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Stainless Steel, Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polycarbonate, Polyester
Number of Rows
5
Orientation
Vertical
Packaging Type
Bag
Panel Mount
Rear
Pitch - Mating Interface (in)
1.181 In
Pitch - Mating Interface (mm)
3.00 mm
Pitch - Term. Interface (in)
1.181 In
Pitch - Term. Interface (mm)
3.00 mm
Polarized to Mating Part
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Crimp or Compression
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
4A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-51238-018, RPS-51238-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54334Series
Mates With
51234-2000 plug housing, 55836-2000 plug
assembly set


Similar Part No. - 54334-2070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54334-5001 MOLEX7-54334-5001 Datasheet
93Kb / 3P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire/Panel MountFemale Terminal, Signal, 50 Circuits, Polarization Type Standard
More results

Similar Description - 54334-2070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0543332072 MOLEX7-0543332072 Datasheet
290Kb / 7P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, FemaleTerminal, Signal, 20 Circuits, Polarization Type B, Lead-Free
0558373070 MOLEX7-0558373070 Datasheet
291Kb / 7P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, MaleTerminal, Signal, 30 Circuits, Polarization Type Standard, Lead-free
0543332071 MOLEX7-0543332071 Datasheet
290Kb / 7P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, FemaleTerminal, Signal, 20 Circuits, Polarization Type A, Lead-Free
0543345001 MOLEX7-0543345001 Datasheet
93Kb / 3P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire/Panel MountFemale Terminal, Signal, 50 Circuits, Polarization Type Standard
0512980471 MOLEX7-0512980471 Datasheet
89Kb / 3P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, Female Terminal, Power, 4 Circuits, Polarization Type A, Lead-free
0512980472 MOLEX7-0512980472 Datasheet
89Kb / 3P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, Female Terminal, Power, 4 Circuits, Polarization Type B, Lead-free
0543333074 MOLEX7-0543333074 Datasheet
291Kb / 7P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, FemaleTerminal, Signal, 30 Circuits, Polarization Type D, Lead-Free
0543335001 MOLEX7-0543335001 Datasheet
93Kb / 3P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, FemaleTerminal, Signal, 50 Circuits, Polarization Type Standard
0543333072 MOLEX7-0543333072 Datasheet
291Kb / 7P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, FemaleTerminal, Signal, 30 Circuits, Polarization Type B, Lead-Free
0543333073 MOLEX7-0543333073 Datasheet
291Kb / 7P
   CRC??Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, FemaleTerminal, Signal, 30 Circuits, Polarization Type C, Lead-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com