Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA43 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # MMBTA43
Description  NPN (HIGH VOLTAGE TRANSISTOR)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MMBTA43 Datasheet(HTML) 2 Page - Samsung semiconductor

  MMBTA43 Datasheet HTML 1Page - Samsung semiconductor MMBTA43 Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBTA43 ZOWIE-MMBTA43 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Shenzhen Jin Yu Semicon...
MMBTA43 HTSEMI-MMBTA43 Datasheet
568Kb / 1P
   TRANSISTOR(NPN)
logo
Shenzhen Huazhimei Semi...
MMBTA43 HMSEMI-MMBTA43 Datasheet
921Kb / 9P
   Low-power pyroelectric infrared sensor signal processing chip
logo
Fairchild Semiconductor
MMBTA43 FAIRCHILD-MMBTA43 Datasheet
27Kb / 3P
   NPN High Voltage Amplifier
logo
SeCoS Halbleitertechnol...
MMBTA43 SECOS-MMBTA43 Datasheet
59Kb / 1P
   0.5A , 200V NPN Plastic Encapsulated Transistor
More results

Similar Description - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com