Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0528852474 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0528852474
Description  0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalCover Packaging, 240 Circuits, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0528852474 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0528852474 Datasheet HTML 1Page - Molex Electronics Ltd. 0528852474 Datasheet HTML 2Page - Molex Electronics Ltd. 0528852474 Datasheet HTML 3Page - Molex Electronics Ltd. 0528852474 Datasheet HTML 4Page - Molex Electronics Ltd. 0528852474 Datasheet HTML 5Page - Molex Electronics Ltd. 0528852474 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Product Specification
PS-52760-015, RPS-52760-017, RPS-52760-018,
RPS-52760-020, RPS-52760-021, RPS-52760-029,
RPS-52885-007, RPS-52885-008, RPS-52885-009
Sales Drawing
SD-52885-003, SD-52885-004
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0528852474

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0528850274 MOLEX7-0528850274 Datasheet
506Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 20 Circuits, Lead-free
0528850374 MOLEX7-0528850374 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 30 Circuits, Lead-free
0528850474 MOLEX7-0528850474 Datasheet
506Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 40 Circuits, Lead-free
0528850574 MOLEX7-0528850574 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 50 Circuits, Lead-free
0528850674 MOLEX7-0528850674 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 60 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com