Electronic Components Datasheet Search |
|
RH5RL28AA-TZ Datasheet(PDF) 5 Page - RICOH electronics devices division |
|
RH5RL28AA-TZ Datasheet(HTML) 5 Page - RICOH electronics devices division |
5 / 18 page R ×5RL 4 ABSOLUTE MAXIMUM RATINGS Symbol Item VIN Input Voltage VOUT Output Voltage IOUT Output Current PD1 Power Dissipation 1 (NOTE1) PD2 Power Dissipation 2 (NOTE2) Topt Operating Temperature Tstg Storage Temperature Tsolder Lead Temperature (Soldering) Rating Unit +12 V –0.3 to VIN +0.3 V 150 mA 300 mW 150 mW – 40 to +85 ˚C – 55 to +125 ˚C 260˚C,10s Topt=25˚C Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not necessarily imply functional operation below these limits. ABSOLUTE MAXIMUM RATINGS (NOTE 1) applied to SOT-89 and TO-92 (NOTE 2) applied to SOT-23-5 |
Similar Part No. - RH5RL28AA-TZ |
|
Similar Description - RH5RL28AA-TZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |