Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0504477025 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0504477025
Description  Ring Tongue Double Hole Terminal for 400MCM AWG, Closed Uninsulated BrazedBarrel, Stud Size 1/2" (M12), Oxygen-Free Copper, Length 117.00mm (4.606Material Thickness 4.50mm (.177")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0504477025 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0504477025 Datasheet HTML 1Page - Molex Electronics Ltd. 0504477025 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0504477025
Status:
Active
Description:
Ring Tongue Double Hole Terminal for 400MCM AWG, Closed Uninsulated Brazed
Barrel, Stud Size 1/2" (M12), Oxygen-Free Copper, Length 117.00mm (4.606"),
Material Thickness 4.50mm (.177")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-50442-001 (PDF)
General
Product Family
Ring and Spade Terminals
Series
50447
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
RD (Double-Hole)
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Stud Size
1/2" (M12)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
400MCM
Wire Size mm²
192.6 - 242.27
Material Info
Reference - Drawing Numbers
Product Specification
PS-50442-001
Sales Drawing
SD-50447-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50447Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
Tool Kit For
57343-9012
0573439001
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0504477025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0504457025 MOLEX7-0504457025 Datasheet
106Kb / 2P
   Ring Tongue Double Hole Terminal for 250 - 300MCM AWG, Closed UninsulatedBrazed Barrel, Stud Size 1/2" (M12), Oxygen-Free Copper, Length 106.00mm (4.173")
0504467025 MOLEX7-0504467025 Datasheet
83Kb / 2P
   Ring Tongue Double Hole Terminal for 300 - 350MCM AWG, Closed UninsulatedBrazed Barrel, Stud Size 1/2" (M12), Oxygen-Free Copper, Length 111.00mm (4.370
0504467125 MOLEX7-0504467125 Datasheet
83Kb / 2P
   Ring Tongue Double Hole Terminal for 300 - 350MCM AWG, Closed UninsulatedBrazed Barrel, Stud Size M14, Oxygen-Free Copper, Length 111.00mm (4.370")
0504467225 MOLEX7-0504467225 Datasheet
83Kb / 2P
   Ring Tongue Double Hole Terminal for 300 - 350MCM AWG, Closed UninsulatedBrazed Barrel, Stud Size No Hole, Oxygen-Free Copper, Length 111.00mm (4.370")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com