Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54552-0402 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54552-0402
Description  0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, SMT, Dual Row, withPlastic Pegs, Right Angle, 40 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54552-0402 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54552-0402 Datasheet HTML 1Page - Molex Electronics Ltd. 54552-0402 Datasheet HTML 2Page - Molex Electronics Ltd. 54552-0402 Datasheet HTML 3Page - Molex Electronics Ltd. 54552-0402 Datasheet HTML 4Page - Molex Electronics Ltd. 54552-0402 Datasheet HTML 5Page - Molex Electronics Ltd. 54552-0402 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545520402
Status:
Active
Description:
0.40mm (.016") Pitch Board-to-Board SlimStack™ Receptacle, SMT, Dual Row, with
Plastic Pegs, Right Angle, 40 Circuits
Documents:
3D Model
Product Specification PS-54552-023 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
54552
Application
Board-to-Board
Product Name
SlimStack™
Physical
Circuits (Loaded)
40
Color - Resin
Brown
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Mated Height (in)
0.167 In, 0.171 In
Mated Height (mm)
4.25 mm, 4.35 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Polarized to PCB
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-54552-017
Product Specification
PS-54552-023
Sales Drawing
SD-54552-023, SD-54552-024
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54552Series
Mates With
55394 PCB Header . 503376 PCB Header
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 54552-0402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54552-0302 MOLEX7-54552-0302 Datasheet
440Kb / 6P
    0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, SMT, Dual Row, with Plastic Pegs, Right Angle, 20 Circuits
54552-0902 MOLEX7-54552-0902 Datasheet
440Kb / 6P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, SMT, Dual Row, withPlastic Pegs, Right Angle, 90 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com