Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0559099974 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0559099974
Description  0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual Row,Vertical Stacking, 1.50mm (.059") Stacking Height, Lead-free, 12 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0559099974 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0559099974 Datasheet HTML 1Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 2Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 3Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 4Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 5Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 6Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 7Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 8Page - Molex Electronics Ltd. 0559099974 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image


Similar Part No. - 0559099974

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0559090274 MOLEX7-0559090274 Datasheet
565Kb / 9P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual RowVertical Stacking, 1.50mm (.059") Stacking Height, Lead-free, 20 Circuits
0559090374 MOLEX7-0559090374 Datasheet
565Kb / 9P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual Row,Vertical Stacking, Lead-free, 30 Circuits
0559090474 MOLEX7-0559090474 Datasheet
565Kb / 9P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual RowVertical Stacking, Lead-free, 40 Circuits
0559090574 MOLEX7-0559090574 Datasheet
565Kb / 9P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual RowVertical Stacking, Lead-free, 50 Circuits
0559090674 MOLEX7-0559090674 Datasheet
565Kb / 9P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Plug, Surface Mount, Dual RowVertical Stacking, Lead-free, 60 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com