Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0533240560 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0533240560
Description  2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree5 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0533240560 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0533240560 Datasheet HTML 1Page - Molex Electronics Ltd. 0533240560 Datasheet HTML 2Page - Molex Electronics Ltd. 0533240560 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0533240560
Status:
Active
Description:
2.00mm (.079") Pitch Mi ll™ System Wire-to-Board Header, Single Row, Vertical, Lead-
free, 5 Circuits
Documents:
3D Model
Product Specification PS-52484-021 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51090-016 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
53324
Application
Wire-to-Board
Product Name
Mi II™
Physical
Breakaway
No
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53324Series
Mates With
52484 Wire-to-Board IDT Recpetacle.,
51090 Crimp Terminal


Similar Part No. - 0533240560

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0533240260 MOLEX7-0533240260 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree
0533240360 MOLEX7-0533240360 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree 3 Circuits
0533240460 MOLEX7-0533240460 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree4 Circuits
0533240660 MOLEX7-0533240660 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree6 Circuits
0533240760 MOLEX7-0533240760 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Vertical, Leadfree7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com