Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53253-1370 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53253-1370
Description  2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Vertical, Square Pin,Three-sided Shroud, Lead-free, 13 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53253-1370 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53253-1370 Datasheet HTML 1Page - Molex Electronics Ltd. 53253-1370 Datasheet HTML 2Page - Molex Electronics Ltd. 53253-1370 Datasheet HTML 3Page - Molex Electronics Ltd. 53253-1370 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0532531370
Status:
Active
Overview:
microlatch
Description:
2.00mm (.079") Pitch Micro-Latch™ Wire-to-Board Header, Vertical, Square Pin,
Three-sided Shroud, Lead-free, 13 Circuits
Documents:
3D Model
Product Specification PS-51065-016 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
53253
Application
Wire-to-Board
Overview
microlatch
Product Name
Micro-Latch™
Physical
Breakaway
No
Circuits (Loaded)
13
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53253Series
Mates With
51065 Crimp Housing. 50212 Crimp
Terminal


Similar Part No. - 53253-1370

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53253-1380 MOLEX7-53253-1380 Datasheet
163Kb / 4P
   2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Vertical, Square Pin,Three-sided Shroud, Lead-free, 13 Circuits, PC Tail Length 2.30mm (.091")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com