Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0554501569 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0554501569
Description  1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, SMT, Single Row, Vertical,Without Plastic Peg, Lead-free, 15 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0554501569 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0554501569 Datasheet HTML 1Page - Molex Electronics Ltd. 0554501569 Datasheet HTML 2Page - Molex Electronics Ltd. 0554501569 Datasheet HTML 3Page - Molex Electronics Ltd. 0554501569 Datasheet HTML 4Page - Molex Electronics Ltd. 0554501569 Datasheet HTML 5Page - Molex Electronics Ltd. 0554501569 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0554501569
Status:
Active
Description:
1.25mm (.049") Pitch Mi ll™ System Wire-to-Board Header, SMT, Single Row, Vertical,
Without Plastic Peg, Lead-free, 15 Circuits
Documents:
3D Model
Product Specification PS-54596-022 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
55450
Application
Wire-to-Board
Product Name
Mini Mi II™
Physical
Breakaway
No
Circuits (Loaded)
15
Circuits (maximum)
15
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.331 In
Mated Height (mm)
8.40 mm
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Pitch - Term. Interface (in)
0.049 In
Pitch - Term. Interface (mm)
1.25 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A, 1A
Voltage - Maximum
100V AC (RMS)/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55450Series
Mates With
54596 IDT Receptacle Housing


Similar Part No. - 0554501569

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0554501069 MOLEX7-0554501069 Datasheet
342Kb / 7P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, SMT, Single Row, VerticalWithout Plastic Peg, Lead-free, 10 Circuits
0554501159 MOLEX7-0554501159 Datasheet
341Kb / 7P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, SMT, Single Row, Vertical11 Circuits, With Plastic Peg, Lead-free
0554501169 MOLEX7-0554501169 Datasheet
341Kb / 7P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, SMT, Single Row, Vertical,Circuits, without Plastic Peg, Lead-free
0554501269 MOLEX7-0554501269 Datasheet
342Kb / 7P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, SMT, Single Row, VerticalWithout Plastic Peg, Lead-free, 12 Circuits
0554501369 MOLEX7-0554501369 Datasheet
342Kb / 7P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, SMT, Single Row, VerticalWithout Plastic Peg, Lead-free, 13 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com