Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0527461671 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0527461671
Description  0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 16 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0527461671 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0527461671 Datasheet HTML 1Page - Molex Electronics Ltd. 0527461671 Datasheet HTML 2Page - Molex Electronics Ltd. 0527461671 Datasheet HTML 3Page - Molex Electronics Ltd. 0527461671 Datasheet HTML 4Page - Molex Electronics Ltd. 0527461671 Datasheet HTML 5Page - Molex Electronics Ltd. 0527461671 Datasheet HTML 6Page - Molex Electronics Ltd. 0527461671 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0527461671
Status:
Active
Overview:
Description:
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact
Style, 16 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52746
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
16
Contact Position
Bottom
Durability (mating cycles max)
20
Entry Angle
90° Angle
Flammability
94V-0
Mated Height (in)
0.079 In
Mated Height (mm)
2.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52746-001, SPK-52746-002
Product Specification
PS-52746-015, RPS-52746-017, RPS-52746-050,
RPS-52746-051, RPS-52746-053, RPS-52746-054,
RPS-52746-056, RPS-52746-057, RPS-52746-060,
RPS-52746-062
Sales Drawing
SD-52746-024, SD-52746-025
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52746Series
This document was generated on 06/05/2010


Similar Part No. - 0527461671

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0527461071 MOLEX7-0527461071 Datasheet
540Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 10 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0527461171 MOLEX7-0527461171 Datasheet
540Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 11 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0527461271 MOLEX7-0527461271 Datasheet
540Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 12 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0527461371 MOLEX7-0527461371 Datasheet
540Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 13 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0527461471 MOLEX7-0527461471 Datasheet
540Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 14 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com