Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50212-8000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 50212-8000
Description  2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50212-8000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  50212-8000 Datasheet HTML 1Page - Molex Electronics Ltd. 50212-8000 Datasheet HTML 2Page - Molex Electronics Ltd. 50212-8000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PS-54214-001, PS-54452-006, PS-54452-007,
PS-55533-003, PS-55533-004, RPS-35507-003,
RPS-35507-004, RPS-35507-005, RPS-35507-006,
RPS-35507-008, RPS-35507-009, RPS-35507-010,
RPS-35507-011, RPS-502079-002, RPS-502079-003,
RPS-502079-004, RPS-502079-005, RPS-502079-006,
RPS-502079-007, RPS-50212-002, RPS-51065-001,
RPS-51065-002, RPS-51065-006, RPS-51065-007,
RPS-51065-010, RPS-51065-011, RPS-51065-012,
RPS-51065-013, RPS-51065-014, RPS-51065-015,
RPS-51065-018, RPS-51065-019, RPS-51065-020,
RPS-51065-021, RPS-51065-022, RPS-51065-023,
RPS-51065-024, RPS-51065-025, RPS-51065-026,
RPS-51065-027, RPS-51065-028, RPS-51065-030,
RPS-51089-002, RPS-51089-003, RPS-51089-004,
RPS-51089-005, RPS-51090-002, RPS-51090-005,
RPS-51090-006, RPS-51090-008, RPS-51090-010,
RPS-51090-012, RPS-51090-013, RPS-51090-014,
RPS-51090-015, RPS-51090-017, RPS-51090-018,
RPS-51090-021, RPS-51090-022, RPS-51090-026,
RPS-51160-003, RPS-51160-004, RPS-51160-005,
RPS-51339-004, RPS-51339-007, RPS-52484-002,
RPS-52968-005, RPS-52968-012, RPS-52968-013,
RPS-52969-004, RPS-52969-005, RPS-52969-006,
RPS-53324-001, RPS-53358-001, RPS-54111-001,
RPS-54111-002, RPS-54111-004, RPS-54111-005,
RPS-54269-004, RPS-54452-011, RPS-55460-011,
RPS-87369-001
Sales Drawing
SD-50212-001
Terminals 24-30
AWG
T2 Terminator Die
0639105200
Extraction Tool
0011030043
Japan
Description
Product #
Extraction Tool
0571056000
Applicator for M211A
Bench Press, 22-30
AWG, for 50212
and 50372 Crimp
Terminal
0571753000
Side-Feed Applicator
For Full-Auto
Machine
0571753200
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50212-8000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50212-8000 MOLEX-50212-8000 Datasheet
285Kb / 2P
   2.00mm (.079") Pitch Sherlock?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com