Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53521-0640 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53521-0640
Description  7.92mm (.312") Pitch Header, Vertical, Expandable Base, 6 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53521-0640 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53521-0640 Datasheet HTML 1Page - Molex Electronics Ltd. 53521-0640 Datasheet HTML 2Page - Molex Electronics Ltd. 53521-0640 Datasheet HTML 3Page - Molex Electronics Ltd. 53521-0640 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0535210640
Status:
Active
Description:
7.92mm (.312") Pitch Header, Vertical, Expandable Base, 6 Circuits
Documents:
3D Model
Product Specification PS-51144-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51144-002 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
UL
E29179
General
Product Family
PCB Headers
Series
53521
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.312 In
Pitch - Mating Interface (mm)
7.92 mm
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
6A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53521Series
Mates With
51144 Crimp Terminal


Similar Part No. - 53521-0640

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53521-0240 MOLEX7-53521-0240 Datasheet
172Kb / 4P
   7.92mm (.312") Pitch Header, Vertical, Expandable Base, 2 Circuits
53521-0340 MOLEX7-53521-0340 Datasheet
172Kb / 4P
   7.92mm (.312") Pitch Header, Vertical, Expandable Base, 3 Circuits
53521-0440 MOLEX7-53521-0440 Datasheet
172Kb / 4P
   7.92mm (.312") Pitch Header, Vertical, Expandable Base, 4 Circuits
53521-0540 MOLEX7-53521-0540 Datasheet
172Kb / 4P
   7.92mm (.312") Pitch Header, Vertical, Expandable Base, 5 Circuits
53521-0740 MOLEX7-53521-0740 Datasheet
172Kb / 4P
   7.92mm (.312") Pitch Header, Vertical, Expandable Base, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com