Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A0688C01 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S1A0688C01
Description  TV SOUND MPX FOR TWO CARRIER SYSTEM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0688C01 Datasheet(HTML) 2 Page - Samsung semiconductor

  S1A0688C01 Datasheet HTML 1Page - Samsung semiconductor S1A0688C01 Datasheet HTML 2Page - Samsung semiconductor S1A0688C01 Datasheet HTML 3Page - Samsung semiconductor S1A0688C01 Datasheet HTML 4Page - Samsung semiconductor S1A0688C01 Datasheet HTML 5Page - Samsung semiconductor S1A0688C01 Datasheet HTML 6Page - Samsung semiconductor S1A0688C01 Datasheet HTML 7Page - Samsung semiconductor S1A0688C01 Datasheet HTML 8Page - Samsung semiconductor S1A0688C01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
S1A0688C01
TV SOUND MPX FOR TWO CARRIER SYSTEM
2
BLOCK DIAGRAM
1
19
7
6
8
9
10
12
11
13
14
2
3
4
5
30
23
24
28
22
21
20
32
16
25
27
29
26
15
18
17
31
IF
IF
4.72MHz
1st PLL
4.5MHz
1st PLL
4.3MHz
VCO
A
A
30KHz
HPF
CCA
CCA
AGC
AMP
1/39
1/2
1/100
1/370
1/200
X20
100KHz
LPF
55.1KHz
SC BPF
AM DET
OFFSET CANCELLER
DN
CUT
COMP
MN
DET
DIGITAL FREQUENCY
DETECTOR
CONTROL TYPE
AUTO DETECT
U-COM INTERFACE
(DC/3-LINE U-COM/IIC-BUS)
ZAPPING
BLOCK
X3
276Hz
SC BPF
150Hz
SC BPF
390Hz
SC BPF
X8
VOLTAGE
REFERENCE
4.72MHz
2nd PLL
4.5MHz
2nd PLL
S1
S1
VCC
VDD
GND
VSS
CCA
PLL


Similar Part No. - S1A0688C01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
S1A0067X01-X0BO SAMSUNG-S1A0067X01-X0BO Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
S1A0136A01 SAMSUNG-S1A0136A01 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-A0B0 SAMSUNG-S1A0136A01-A0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-S0B0 SAMSUNG-S1A0136A01-S0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
More results

Similar Description - S1A0688C01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB22688E SAMSUNG-KB22688E Datasheet
297Kb / 20P
   TV SOUND MPX FOR TWO CARRIER SYSTEM (INTRODUCTION)
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
   TV SOUND SYSTEM
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
   TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
NTE Electronics
NTE826 NTE-NTE826 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound System, 2W
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
logo
Toshiba Semiconductor
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
   TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
logo
Mitsubishi Electric Sem...
M62434FP MITSUBISHI-M62434FP Datasheet
65Kb / 13P
   SOUND CONTROLLER FOR TV
M62420SP MITSUBISHI-M62420SP Datasheet
94Kb / 16P
   SOUND CONTROLLER FOR TV
M62494SP MITSUBISHI-M62494SP Datasheet
77Kb / 7P
   SOUND CONTROLLER FOR TV
logo
Rohm
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com