Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A0900X01-A0B0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S1A0900X01-A0B0
Description  AM/FM TUNER MPX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0900X01-A0B0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S1A0900X01-A0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 9Page - Samsung semiconductor S1A0900X01-A0B0 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
S1A0900X01
AM/FM TUNER + MPX
8
T1 FM IFT (MIX OUT)
T2 AM IFT (MIX OUT)
T3 FM IFT (DET)
L1 FM RF
L2 FM OSC
L3 AM OSC
4
5
6
3
2
1
Co(pF)
F
(MHz)
Qo
TURNS
KWANG SUNG
PART NO
1-3
1-3
4-6
75
10.7
70(min)
11
2
KSI-FA2
KSI-FA2
4
5
6
3
2
1
Co(pF)
F
(MHz)
Qo
TURNS
KWANG SUNG
PART NO
1-3
1-3
4-6
180
455
70(min)
146
14
KSI-AA1
KSI-AA1
4
5
6
3
2
1
Co (pF)
F
(MHz)
Qo
TURNS
KWANG SUNG PART
NO
1-3
1-3
47
10.7
80(min)
14
KSI-FD3
KSI-FD3
3
2
1
4
5
6
F
(MHz)
Qo
TURNS
KWANG SUNG
PART NO
1-3
WIRE
100
100
2*(1/2)
0.5m/m
KST-FR1
KST-FR1
4
5
6
3
2
1
F
(MHz)
Qo
TURNS
KWANG SUNG
PART NO
1-3
WIRE
100
100
2*(3/4)
0.5m/m
KST-AO1
KST-FO1
4
5
6
3
2
1
F
(MHz)
Qo
TURNS
L
(uH)
KWANG SUNG
PART NO
1-2
2-3
796
80min
13
73
288
KSI-AO1
KSI-AO1


Similar Part No. - S1A0900X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
S1A0901A01-S0B0 SAMSUNG-S1A0901A01-S0B0 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
S1A0901X01-A0B0 SAMSUNG-S1A0901X01-A0B0 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
S1A0902X01-A0B0 SAMSUNG-S1A0902X01-A0B0 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
More results

Similar Description - S1A0900X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
   AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
   AM/FM TUNER MPX
KB22902 SAMSUNG-KB22902 Datasheet
122Kb / 6P
   AM/FM TUNER MPX
S1A2298A01 SAMSUNG-S1A2298A01 Datasheet
172Kb / 10P
   AM/FM TUNER MPX
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
   AM Tuner/FM-IF FM MPX
logo
Samsung semiconductor
S1A0903X01 SAMSUNG-S1A0903X01 Datasheet
119Kb / 10P
   AM/FM TUNER MPX PLL
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com