Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0550910774 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0550910774
Description  0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 6.00 and 12.00mm (.236 and .472") Stacking Heights, Black, Lead-free, 70 Circuits, Robotic Placement Metal Cap, with Embossed Tape on Reel Packaging
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0550910774 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0550910774 Datasheet HTML 1Page - Molex Electronics Ltd. 0550910774 Datasheet HTML 2Page - Molex Electronics Ltd. 0550910774 Datasheet HTML 3Page - Molex Electronics Ltd. 0550910774 Datasheet HTML 4Page - Molex Electronics Ltd. 0550910774 Datasheet HTML 5Page - Molex Electronics Ltd. 0550910774 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0550910774
Status:
Active
Overview:
slimstack_0635mm_025_pitch
Description:
0.635mm (.025") Pitch SlimStack™ Header, Surface Mount, Dual Row, Vertical
Stacking, 6.00 and 12.00mm (.236 and .472") Stacking Heights, Black, Lead-free, 70
Circuits, Robotic Placement Metal Cap, with Embossed Tape on Reel Packaging
Documents:
3D Model
Product Specification PS-52760-015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
55091
Application
Board-to-Board
Comments
Stacking-Type
Overview
slimstack_0635mm_025_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
70
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.236 In, 0.472 In
Mated Height (mm)
12.00 mm, 6.00 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.025 In
Pitch - Mating Interface (mm)
0.64 mm
Polarized to PCB
Yes
Robotic Placement
Metal Cap
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-55091-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55091Series
Mates With
SlimStack™ Receptacle 52760 , 52837 ,
52885 , 52901


Similar Part No. - 0550910774

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0550910274 MOLEX7-0550910274 Datasheet
491Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 6.00 and 12.00mm (.236 and .472") Stacking Heights, Black, Lead-free, 20Circuits, Robotic Placement Metal Cap
0550910374 MOLEX7-0550910374 Datasheet
491Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 6.00 and 12.00mm (.236 and .472") Stacking Heights, Black, Lead-free, 30Circuits, Robotic Placement Metal Cap,
0550910474 MOLEX7-0550910474 Datasheet
491Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 6.00 and 12.00mm (.236 and .472") Stacking Heights, Black, Lead-free, 40Circuits, Robotic Placement Metal Cap, with Embossed Tape on Reel Packaging
0550910574 MOLEX7-0550910574 Datasheet
491Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalCircuits, Robotic Placement Metal Cap, with Embossed Tape on Reel Packaging
0550910674 MOLEX7-0550910674 Datasheet
491Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 6.00 and 12.00mm (.236 and .472") Stacking Heights, Black, Lead-free, 60Circuits, Robotic Placement Metal Cap, with Embossed Tape on Reel Packaging
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com