Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0512353015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0512353015
Description  CRC??Shielded Rectangular I/O Mold Cover A, For Plug Assembly, 30 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0512353015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0512353015 Datasheet HTML 1Page - Molex Electronics Ltd. 0512353015 Datasheet HTML 2Page - Molex Electronics Ltd. 0512353015 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0512353015
Status:
Active
Description:
CRC™ Shielded Rectangular I/O Mold Cover A, For Plug Assembly, 30 Circuits
Documents:
3D Model
Product Specification PS-51238-018 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51238-010 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
I/O Connectors
Series
51235
Application
N/A
Component Type
Plug Cover
Product Name
CRC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
30
Color - Resin
Gray
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Plug
Lock to Mating Part
Yes
Material - Metal
Stainless Steel
Material - Plating Mating
n/a
Material - Resin
Polycarbonate
Orientation
Vertical
Packaging Type
Tray
Panel Mount
N/A
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
3A
Shielded
No
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-51238-010, PS-51238-018, RPS-51238-001
Sales Drawing
SD-51235-009
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51235Series
Use With
56380 plug shell body, 51236 mold cover B,
56381 plug shell cover


Similar Part No. - 0512353015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512351215 MOLEX7-0512351215 Datasheet
99Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover A, For Plug Assembly, 12 Circuits
0512352015 MOLEX7-0512352015 Datasheet
99Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover A, For Plug Assembly, 20 Circuits
More results

Similar Description - 0512353015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512363005 MOLEX7-0512363005 Datasheet
94Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover B, For Plug Assembly, 30 Circuits
0512351215 MOLEX7-0512351215 Datasheet
99Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover A, For Plug Assembly, 12 Circuits
0512352015 MOLEX7-0512352015 Datasheet
99Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover A, For Plug Assembly, 20 Circuits
0512362005 MOLEX7-0512362005 Datasheet
93Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover B, For Plug Assembly, 20 Circuits
0522072760 MOLEX7-0522072760 Datasheet
532Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover B, For Plug Assembly, 20 Circuits
0512361205 MOLEX7-0512361205 Datasheet
94Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover B, For Plug Assembly, 12 Circuits
0595875010 MOLEX7-0595875010 Datasheet
108Kb / 2P
   CRC??Shielded Rectangular I/O Plug Cover A, For Plug Assembly, Signal, 50 Circuits
0595885000 MOLEX7-0595885000 Datasheet
106Kb / 2P
   CRC??Shielded Rectangular I/O Plug Cover B, For Plug Assembly, Signal, 50 Circuits
0512371205 MOLEX7-0512371205 Datasheet
91Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover, For Wire-to-Wire, Receptacle Assembly12 Circuits
0512372005 MOLEX7-0512372005 Datasheet
90Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover, For Wire-to-Wire, Receptacle Assembly20 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com