Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A2272A01 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S1A2272A01
Description  FM NOISE CANCELLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A2272A01 Datasheet(HTML) 2 Page - Samsung semiconductor

  S1A2272A01 Datasheet HTML 1Page - Samsung semiconductor S1A2272A01 Datasheet HTML 2Page - Samsung semiconductor S1A2272A01 Datasheet HTML 3Page - Samsung semiconductor S1A2272A01 Datasheet HTML 4Page - Samsung semiconductor S1A2272A01 Datasheet HTML 5Page - Samsung semiconductor S1A2272A01 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S1A2272A01
FM NOISE CANCELLER
2
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, V
CC = 12V, 300 mV, f = 1kHz, unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
16
V
Power Dissipation
PD
300
Min
Operating Temperature
TOPR
−20 − + 75
°C
Storage Temperature
TSTG
−40 − + 125
°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Pin
Output Pin
Quiescent Circuit Current
ICCQ
16
25
mA
Voltage Gain
GV
V7 = 300 mV, f = 1kHz
Output
-0.2
0.8
1.8
dB
Output Voltage
VO
V7 = variable, f = 1kHz
Output
THD = 1%
1.3
V
Total Harmonic Distortion
THD
V7 = 300mV, f = 1kHz
Output
0.01
0.03
K%
Input Resistance
RI
V7 = 300mV, f = 1kHz
36
51
67
dB
Low pass AMP Gain
GV (LP)
V5 = 300mV, f = 1kHz
V4
0
0.83
1.58
dB
High pass AMP Gain
AVH
V9 = 100mV
f = 200kHz
V10
1.58
2.92
4.35
V
Inverted Amp Distortion
THD
f = 19kHZ
Output
300
0.1
%
Inverted Amp Dynamic
Range
VO
V15 = 100mV
f = 19kHz
Output
THD = 1%
mV
Inverted Amp Gain
GV
V15 = 100mV
f = 19kHz
Output
0
2.28
4.08
dB
Output Noise Voltage
VNO
Bypass V7
V15 to GND
Output,
100 kHz LPF
30
60
µV
Gate Time
tG
VO = 100mVp-p, 1µs,
f = 1kHz
Output
13
21
30
µsec
Noise Sensitivity
SN
V7, 1µs, f = 1kHz
Output
30
mVp-0


Similar Part No. - S1A2272A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2201X01-D0B0 SAMSUNG-S1A2201X01-D0B0 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-D0B0 SAMSUNG-S1A2206D01-D0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-H0B0 SAMSUNG-S1A2206D01-H0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
More results

Similar Description - S1A2272A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2272D SAMSUNG-KA2272D Datasheet
152Kb / 6P
   FM NOISE CANCELLER
logo
Sanyo Semicon Device
LA2110 SANYO-LA2110 Datasheet
159Kb / 6P
   FM Noise Canceller
logo
Panasonic Semiconductor
AN6130N PANASONIC-AN6130N Datasheet
262Kb / 5P
   FM Noise Canceller Circuit
AN18165B PANASONIC-AN18165B Datasheet
223Kb / 7P
   FM-MPX demodulation / FM noise canceller for car radio
AN7291SC PANASONIC-AN7291SC Datasheet
66Kb / 1P
   FM-IF,DETECTION, NOISE CANCELLER, MPX DEMODULATION IC
AN7465K-S PANASONIC-AN7465K-S Datasheet
334Kb / 9P
   FM NOISE CANCELLER/STEREO MULTIPLEX DEMODULATOR FOR CAR RADIO
logo
KEC(Korea Electronics)
KIA6010SN KEC-KIA6010SN Datasheet
263Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM NOISE CANCELLER FOR CAR AUDIO)
logo
Panasonic Semiconductor
AN7292SC PANASONIC-AN7292SC Datasheet
107Kb / 1P
   FM-IF Detection, Noise Canceller, MPX Demodulation IC for Car Radio
logo
NTE Electronics
NTE1713 NTE-NTE1713 Datasheet
20Kb / 2P
   Integrated Circuit Line Noise Canceller for VCR
logo
Sanyo Semicon Device
LA2113 SANYO-LA2113 Datasheet
143Kb / 6P
   FM Noise Canceler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com