Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0555141605 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0555141605
Description  1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover B
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0555141605 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0555141605 Datasheet HTML 1Page - Molex Electronics Ltd. 0555141605 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0555141605
Status:
Active
Description:
1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover B
Documents:
Drawing (PDF)
Product Specification PS-54678-007 (PDF)
Product Specification PS-54678-003 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
55514
Comments
Plug Cover B
Component Type
Dust Cover
Product Name
Small MGC
Physical
Circuits (Loaded)
16
Color - Resin
Gray
Lock to Mating Part
Yes
Material - Resin
Polyester
Packaging Type
Tray
Polarized to Mating Part
Yes
Temperature Range - Operating
-20°C to +80°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-54678-003, PS-54678-007
Sales Drawing
SD-55514-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55514Series
Use With
55516 , 55513
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0555141605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0555131605 MOLEX7-0555131605 Datasheet
91Kb / 2P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover A, PolarizingKey 6.10mm (.240") From the Center
0555131615 MOLEX7-0555131615 Datasheet
91Kb / 2P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover A, Polarizing Key 2.10mm (.083") From the Center
0555131625 MOLEX7-0555131625 Datasheet
91Kb / 2P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover A, Polarizing Key 1.90mm (.075") From the Center
0555131635 MOLEX7-0555131635 Datasheet
91Kb / 2P
   1.25mm (.049
logo
Weidmuller
0555160000 WEIDMULLER-0555160000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com