Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0555141605 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0555141605
Description  1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover B
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0555141605 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0555141605 Datasheet HTML 1Page - Molex Electronics Ltd. 0555141605 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0555141605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0555131605 MOLEX7-0555131605 Datasheet
91Kb / 2P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover A, PolarizingKey 6.10mm (.240") From the Center
0555131615 MOLEX7-0555131615 Datasheet
91Kb / 2P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover A, Polarizing Key 2.10mm (.083") From the Center
0555131625 MOLEX7-0555131625 Datasheet
91Kb / 2P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover A, Polarizing Key 1.90mm (.075") From the Center
0555131635 MOLEX7-0555131635 Datasheet
91Kb / 2P
   1.25mm (.049
logo
Weidmuller
0555160000 WEIDMULLER-0555160000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com