Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A2284A01-I0U0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1A2284A01-I0U0
Description  5 DOT LED LEVEL METER DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A2284A01-I0U0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1A2284A01-I0U0 Datasheet HTML 1Page - Samsung semiconductor S1A2284A01-I0U0 Datasheet HTML 2Page - Samsung semiconductor S1A2284A01-I0U0 Datasheet HTML 3Page - Samsung semiconductor S1A2284A01-I0U0 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5 DOT LED LEVEL METER DRIVER
S1A2284A01/02
1
INTRODUCTION
The S1A2284A01 and S1A2284A02 are monolithic integrated
circuits designed for 5-dot LED level meter drivers with a built-
in rectifying amplifier. It is suitable for AC/DC level meters such
as VU meters or signal meters.
FEATURES
High gain rectifying amplifier included (GV = 26dB)
Low radiation noise when LED turns on
Logarithmic indicator for 5-dot bar type LED (
−10, −5, 0, 3, 6dB)
Constant current output
S1A2284A01: lo = 15mA (Typ)
S1A2284A02: Io = 7mA (Typ)
Wide operating supply voltage range:
VCC = 3.5V − 1 6V
Minimum number of external parts required
ORDERING IN FORMATION
Device
Package
Operating Temperature
ID
S1A2284A01-I0U0
9
−SIP
− 20°C − + 80°C
15mA
S1A2284A02-I0U0
7mA
9
−SIP


Similar Part No. - S1A2284A01-I0U0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2201X01-D0B0 SAMSUNG-S1A2201X01-D0B0 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-D0B0 SAMSUNG-S1A2206D01-D0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-H0B0 SAMSUNG-S1A2206D01-H0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
More results

Similar Description - S1A2284A01-I0U0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2284 SAMSUNG-KA2284 Datasheet
98Kb / 4P
   5 DOT LED LEVEL METER DRIVER
logo
Unisonic Technologies
LA2284 UTC-LA2284 Datasheet
114Kb / 4P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Powertip Technology
KA2281 POWERTIP-KA2281 Datasheet
121Kb / 3P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Unisonic Technologies
LA2284A UTC-LA2284A_15 Datasheet
165Kb / 7P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Samsung semiconductor
KA2281 SAMSUNG-KA2281 Datasheet
123Kb / 3P
   5-Dot Dual Led Level Meter Driver
logo
Unisonic Technologies
LA2284 UTC-LA2284_11 Datasheet
176Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Samsung semiconductor
KA2287 SAMSUNG-KA2287 Datasheet
114Kb / 3P
   5 DOT LED LINEAR LEVEL METER DRIVER
logo
Unisonic Technologies
LA2284 UTC-LA2284_05 Datasheet
142Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284 UTC-LA2284_17 Datasheet
175Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
A6966 UTC-A6966_15 Datasheet
169Kb / 4P
   5 DOT LED LEVEL METER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com