Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52437-2171 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52437-2171
Description  0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 21 Circuits, Gold Contact Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52437-2171 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52437-2171 Datasheet HTML 1Page - Molex Electronics Ltd. 52437-2171 Datasheet HTML 2Page - Molex Electronics Ltd. 52437-2171 Datasheet HTML 3Page - Molex Electronics Ltd. 52437-2171 Datasheet HTML 4Page - Molex Electronics Ltd. 52437-2171 Datasheet HTML 5Page - Molex Electronics Ltd. 52437-2171 Datasheet HTML 6Page - Molex Electronics Ltd. 52437-2171 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0524372171
Status:
Active
Overview:
Description:
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact
Style, 21 Circuits, Gold Contact Plating
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52437
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
21
Color - Resin
Natural
Contact Position
Bottom
Durability (mating cycles max)
20
Entry Angle
90° Angle
Flammability
94V-0
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52437-001
Product Specification
PS-52437-027, RPS-52437-040, RPS-52437-041,
RPS-52437-042, RPS-52437-043, RPS-52437-045,
RPS-52437-046
Sales Drawing
SD-52437-019, SD-52437-020
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52437Series


Similar Part No. - 52437-2171

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52437-2172 MOLEX-52437-2172 Datasheet
454Kb / 5P
   0.5 FPC CONN. ZIF FOR SMT R/A (BOTTOM CONTACT) TIN-BISMUTH PLATING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com