Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1D2141X01-D0B0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1D2141X01-D0B0
Description  R/G/B VIDEO AMPLIFIER FOR MONITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2141X01-D0B0 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1D2141X01-D0B0 Datasheet HTML 1Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 2Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 3Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 4Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 5Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 6Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 7Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 8Page - Samsung semiconductor S1D2141X01-D0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01
3
PIN CONFIGURATIONS
Table 1. Pin Configurations
Pin No
Symbol
I/O
Configurations
1
BDRIVE
I
Blue Gain Control
2
GDRIVE
I
Green Gain Control
3
RDRIVE
I
Red Gain Control
4
RIN
I
Red Video Input
5
VCC1
-
VCC1 = 12V
6
GIN
I
Green Video Input
7
GND1
-
Ground1
8
BIN
I
Blue Video Input
9
CONST
I
Contrast Control Input
10
CLP
I
Clamp Gate Pulse Input
11
BLK
I
Blank Gate Pulse Input
12
BCLP
-
Blue Clamp Capacitor
13
BOUT
O
Blue Video Output
14
GND2
-
Ground2
15
GCLP
-
Green Clamp Capacitor
16
VCC2
-
VCC2 = 12V
17
GOUT
O
Green Video Output
18
RCLP
-
Red Clamp Capacitor
19
ROUT
O
Red Video Output
20
BRIGHT
I
Brightness Control Input


Similar Part No. - S1D2141X01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03-D0B0 SAMSUNG-S1D2140B03-D0B0 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01-A0B0 SAMSUNG-S1D2147A01-A0B0 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - S1D2141X01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com