Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5C7212X Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S5C7212X
Description  B/W CCD PROCESSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5C7212X Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S5C7212X Datasheet HTML 3Page - Samsung semiconductor S5C7212X Datasheet HTML 4Page - Samsung semiconductor S5C7212X Datasheet HTML 5Page - Samsung semiconductor S5C7212X Datasheet HTML 6Page - Samsung semiconductor S5C7212X Datasheet HTML 7Page - Samsung semiconductor S5C7212X Datasheet HTML 8Page - Samsung semiconductor S5C7212X Datasheet HTML 9Page - Samsung semiconductor S5C7212X Datasheet HTML 10Page - Samsung semiconductor S5C7212X Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
S1C7309X01
B/W CCD PROCESSOR
7
Pin No
Name
I/O
DC LEVEL
EQUIVALENT CIRCUIT
21
APER-CTL
I
0 to 5 V
22
CLIP-CTL
I
0 to 5 V
23
VCA-CTL
I
0 to 5 V
24
APERTURE-
OUT
O
1.8 V
25
VIDEO-IN
I
-
5 V
0 V
5 V
0 V
5 V
0 V
APER-CTL
CLIP-CTL
VCA-CTL
APERTURE-OUT
200
250
µ
50
µ
VIDEO-IN
SET BIAS


Similar Part No. - S5C7212X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7212X SAMSUNG-S5C7212X Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
More results

Similar Description - S5C7212X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7305 SAMSUNG-KA7305 Datasheet
123Kb / 9P
   B/W CCD PROCESSOR
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
CXD3152AR SONY-CXD3152AR Datasheet
326Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
logo
Sharp Corporation
IR3Y30M SHARP-IR3Y30M Datasheet
188Kb / 22P
   CCD Signal Processors for B/W CCD Cameras
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
   CCD B/W VIDEO CAMERA MODULE
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
   7500-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com