Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1D2147A01-A0B0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S1D2147A01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2147A01-A0B0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S1D2147A01-A0B0 Datasheet HTML 4Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 5Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 6Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 7Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 8Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 9Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 10Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 11Page - Samsung semiconductor S1D2147A01-A0B0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
S1D2147A01
DEFLECTIONPROCESSORFORMULTISYNCMONITORS
7
ELECTRICAL CHARACTERISTICS
(Vcc = 12 V, Tamb = 25
°C)
Table 2. Horizontal Section Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY AND REFERENCE VOLTAGES
Supply Voltage (Pin 18)
VCC
10.8
12
13.2
V
Supply Current (Pin 18)
ICC
See Figure 1
40
60
mA
Reference Voltage for Horizontal
Section (Pin 5)
VREF-H
7.4
8
8.6
V
Max Sourced Current on VREF-H
(Pin 5)
IREF-H
2
mA
Reference Voltage for Vertical
Section (Pin 26)
VREF-V
7.4
8
8.6
V
Max Sourced Current on VREF-V
(Pin 26)
IREF-V
2
mA
INPUT SECTION/PLL1
Horizontal Input Threshold Voltage
(Pin 17)
VINTH
Low level voltage
High level voltage
2
0.8
V
VCO Control Voltage (Pin 12)
VVCO
VREF-H = 8V
1.6 to 6.2
V
VCO Gain, dF/dV (Pin 12)
VCOG
R0 = 6.49k
Ω,
C0 = 680pF
15
kHz/V
Horizontal Phase Adjustment
(Pin 15)
Hph
% of Horizontal period
±10
%
Free running frequency
adjustment (pin 14)
FFadj
Without H-sync signal
±20
%
PLL1 Capture Range
Fh Min
Fh Max
CR
See conditions on Figure 1
70
28
kHz
kHz
PLL 1 Inhibition (Pin 35)
PLL ON
PLL OFF
PLLinh
V35
V35
2
0.8
V
V
SECOND PLL AND HORIZONTAL OUTPUT SECTION
Flyback Horizontal Threshold
Voltage (Pin 3)
FBth
0.65
0.75
V
Horizontal Jitter
Hjit
150
ppm
Horizontal Drive Output Duty-cycle
(Pin 20 or 21)
Minimum
Maximum
HDmin HDmax
V2 = 2V
V2 = 2V
45
30
50
35
%
%
Horizontal Drive Low Level Output
Voltage
HDvd
Pin 20 to GND,
V21-V20, IOUT = 20mA
1.1
1.7
V


Similar Part No. - S1D2147A01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03-D0B0 SAMSUNG-S1D2140B03-D0B0 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01-D0 SAMSUNG-S1D2141X01-D0 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01-D0B0 SAMSUNG-S1D2141X01-D0B0 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
More results

Similar Description - S1D2147A01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com