Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55454-1270 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 55454-1270
Description  1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

55454-1270 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  55454-1270 Datasheet HTML 1Page - Molex Electronics Ltd. 55454-1270 Datasheet HTML 2Page - Molex Electronics Ltd. 55454-1270 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0554541270
Status:
Active
Description:
1.25mm (.049") Pitch Mi ll™ System Wire-to-Board Header, Single Row, Right Angle,
Lead-free, 12 Circuits
Documents:
3D Model
Product Specification PS-54596-018 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
55454
Application
Wire-to-Board
Product Name
Mini Mi II™
Physical
Breakaway
No
Circuits (Loaded)
12
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-55454-001
Product Specification
PS-54596-018, RPS-54596-024
Sales Drawing
SD-55454-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55454Series
Mates With
51336 PBT Polyester, Glass-filled Housing.
54596 PA Polyamide Housing


Similar Part No. - 55454-1270

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
55454-1070 MOLEX7-55454-1070 Datasheet
153Kb / 3P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 10 Circuits
55454-1170 MOLEX7-55454-1170 Datasheet
153Kb / 3P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 11 Circuits
55454-1370 MOLEX7-55454-1370 Datasheet
153Kb / 3P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 13 Circuits
55454-1470 MOLEX7-55454-1470 Datasheet
153Kb / 3P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right Angle,Lead-free, 14 Circuits
55454-1570 MOLEX7-55454-1570 Datasheet
153Kb / 3P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 15 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com