Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50896-7112 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 50896-7112
Description  Wire Pin Terminal, Type A, for 22-16 AWG Wire, Pin Size 1.70mm (.067") Round
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50896-7112 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  50896-7112 Datasheet HTML 1Page - Molex Electronics Ltd. 50896-7112 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 50896-7112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50896-7312 MOLEX7-50896-7312 Datasheet
88Kb / 2P
   Wire Pin Terminal, Type A, for 16-14 AWG Wire, Pin Size 1.70mm (.067") Round
50896-7325 MOLEX7-50896-7325 Datasheet
94Kb / 2P
   Wire Pin Terminal, Type A, for 6 AWG Wire, Pin Size 4.50mm (.178") Square
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com