Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1D2511B01 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S1D2511B01
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2511B01 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S1D2511B01 Datasheet HTML 7Page - Samsung semiconductor S1D2511B01 Datasheet HTML 8Page - Samsung semiconductor S1D2511B01 Datasheet HTML 9Page - Samsung semiconductor S1D2511B01 Datasheet HTML 10Page - Samsung semiconductor S1D2511B01 Datasheet HTML 11Page - Samsung semiconductor S1D2511B01 Datasheet HTML 12Page - Samsung semiconductor S1D2511B01 Datasheet HTML 13Page - Samsung semiconductor S1D2511B01 Datasheet HTML 14Page - Samsung semiconductor S1D2511B01 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01
11
Flyback input threshold
voltage (pin12)
FBth
0.65
0.75
V
Horizontal jitter
Hjit
70
ppm
Horizontal drive output duty-cycle
(pin 26) (1, 2)
Low level
High level
HDmin
HDmax
Sub-address 00
Byte xxx11111
Byte xxx00000(2)
30
60
%
%
X-RAY protection input threshold
voltage
XRAYth
Pin 25(12)
8
V
Internal clamping levels on 2nd PLL loop
filter (pin 4 )
Vphi2
Low level
High level
1.6
3.7
V
V
Threshold voltage to stop H-out, V-out
when VCC < VSCinh
VSCinh
Pin 29
7.5
V
Horizontal drive output (low level)
HDvd
Pin 26 IOUT=30mA
0.4
V
HORIZONTAL DYNAMIC FOCUS FUNCTION
Horizontal dynamic focus sawtooth
Minimum level
Maximum level
HDFst
Capacitor on HfocusCap
and C0=820pF,
TH=20
µS, Pin 9
2
4.7
V
V
Horizontal dynamic focus sawtooth
Discharge width
HDFdis
Start by Hfly center
400
ns
Bottom DC output level
HDFDC
RLOAD=10KΩ, pin 10
2
V
DC output voltage thermal drift
TDHDF
200
ppm/C
Horizontal dynamic focus amplitude
Min Byte xxx11111
Typ Byte xxx10000
Max Byte xxx00000
HDFamp
Sub-address 03, pin 10,
FH=50kHz, Keystone
Typ
1
1.5
3
Vpp
Vpp
Vpp
Horizontal dynamic focus keystone
Min A/B Byte xxx11111
Typ Byte
xxx10000
Max Byte
xxx00000
HDFkeyst
Sub-address 04,
FH = 50kHz, Typ amp
B/A
A/B
A/B
2.2
2.2
3.5
1.0
3.5
VERTICAL DYNAMIC FOCUS FUNCTION (POSITIVE PARABOLA)
Vertical dynamic focus parabola (added to
horizontal one) amplitude with VOUT and
VPOS typical
Min. Byte 000000
Typ. Byte 100000
Max. Byte 111111
AMPVDF
Sub-address 0F
0
0.5
1
Vpp
Vpp
Vpp
Parabola amplitude function of VAMP
(tracking between VAMP and VDF) with
VPOS typ. (see figure 1) (3)
VDFAMP
Sub-address 05
Byte 10000000
Byte 11000000
Byte 11111111
0.6
1
1.5
Vpp
Vpp
Vpp
Parabola assymetry function of VPOS
control (tracking between VPOS and VDF)
with VAMP Max.
VHDFKeyt
Sub-address 06
Byte x0000000
Byte x1111111
0.52
0.52
Vpp
Vpp
Table 8. Horizontal Section Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit


Similar Part No. - S1D2511B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01-A0B0 SAMSUNG-S1D2512X01-A0B0 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
   S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2511B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com