Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB2511B Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KB2511B
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2511B Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KB2511B Datasheet HTML 6Page - Samsung semiconductor KB2511B Datasheet HTML 7Page - Samsung semiconductor KB2511B Datasheet HTML 8Page - Samsung semiconductor KB2511B Datasheet HTML 9Page - Samsung semiconductor KB2511B Datasheet HTML 10Page - Samsung semiconductor KB2511B Datasheet HTML 11Page - Samsung semiconductor KB2511B Datasheet HTML 12Page - Samsung semiconductor KB2511B Datasheet HTML 13Page - Samsung semiconductor KB2511B Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
S1D2511B01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
10
ELECTRICAL CHARACTERISTICS
( VDD = 5V, Tamb = 25 °C)
Table 8. Horizontal Section Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY AND REFERENCE VOLTAGE
Supply voltage
Vcc
Pin 29
10.8
12
13.2
V
Supply voltage
VDD
Pin 32
4.5
5
5.5
V
Supply current
ICC
Pin 29
50
mA
Supply current
IDD
Pin 32
5
mA
Horizontal reference voltage
VREF-H
Pin 13, I=-2mA
7.4
8
8.6
V
Vertical reference voltage
VREF-V
Pin 21, I=-2mA
7.4
8
8.6
V
Max. sourced current on VREF-H
IREF-H
Pin 13
5
mA
Max. sourced current on VREF-V
IREF-V
Pin 21
5
mA
1st PLL SECTION
Polarity integration delay
HpoIT
Pin 1
0.75
ms
VCO control voltage (pin 7)
VVCO
VREF-H=8V
f0
fH (Max.)
1.3
6.2
V
V
VCO gain (pin 7 )
VCOG
R0=6.49KΩ, C0=820pF,
dF/dV=1/11R0C0
17
kHz/V
Horizontal phase adjustment(11)
Hph
% of horizontal period
± 10
%
Horizontal phase setting value(Pin 8)(11)
Minimum current value
Typical value
Maximum value
Hphmin
Hphtyp
Hphmax
Sub-address 01
Byte x 1111111
Byte x 1000000
Byte x 0000000
2.6
3.2
3.8
V
V
V
PLL1 filter current charge
IPII1U
IPII1L
PLL1 is unlocked
PLL1 is locked
±140
±1
µA
mA
Free running frequency
fo
R0=6.49KΩ,C0=820pF,
f0=0.97/8R0C0
±140
±1
µA
mA
Free running frequency thermal drift
(no drift on external components)(7)
dF0/dT
-150
ppm/c
Free running frequency adjustment
Minimum value
Maximum value
f0(Min.)
f0(Max.)
Sub-address 02
Byte x x x 11111
Byte x x x 00000
0.8
1.3
F0
F0
PLL1 capture range
CR
R0=6.49KΩ,C0=820pF,
from f0+0.5KHz to 4.5Fo
fH(Min.)
fH(Max.)
100
23.5
KHz
KHz
Safe forced frequency
SF1 Byte 11 x x x x x x
SF2 Byte 10 x x x x x x
SFF
Sub-address 02
2F0
3F0
2ND PLL SECTION HORIZONTAL OUTPUT SECTION


Similar Part No. - KB2511B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - KB2511B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com