Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1T8501 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1T8501
Description  SPEECH NETWORK WITH DIALER INTERFACE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8501 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1T8501 Datasheet HTML 1Page - Samsung semiconductor S1T8501 Datasheet HTML 2Page - Samsung semiconductor S1T8501 Datasheet HTML 3Page - Samsung semiconductor S1T8501 Datasheet HTML 4Page - Samsung semiconductor S1T8501 Datasheet HTML 5Page - Samsung semiconductor S1T8501 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEECH NETWORK WITH DIALER INTERFACE
S1T8501
3
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Line Voltage
VL
Ta = 25
°C
IL = 12mA
3.9
4.7
V
IL = 20mA
5.5
IL = 80mA
12.2
Common Mode Rejection Ratio
CMRR
f = 1kHz, IL = 12 to 80mA
50
dB
Line Matching Impedance
ZL
VRI = 0.3V, IL = 12 to 80mA f = 1kHz
500
600
700
TX Gain
GV (TX)
Ta = 25
°C
f = 1kHz
VMI = 2mV
IL = 25mA
48
49
50
dB
IL = 52mA
44
45
46
IL = 25 to 52mA
48
49
50
TX Gain Flatness
∆ G
V (TX)
VMI = 2mV, fref = 1kHz, IL = 12 to 80mA
± 1
dB
TX Distortion
THD TX
f = 1kHz
IL = 16 to
80mA
VSO = 1V
2
%
VSO = 1.3V
10
TX Noise
VNO (TX)
VMI = 0V, IL = 40mA
70
dBm
Side Tone
GV (ST)
Ta = 25
°C, f= 1kHz, I
L = 25 to 52mA
36
dB
MIC Input Impedance
ZI (MIC)
VMI = 2mV, IL = 12 to 80mA
40
k
Tx Loss in MF Operation
GV (LOSS)
VMI =2mV
IL = 25mA
30
dB
IL = 52mA
30
RX Gain
GV (RX)
Ta = 25
°C
VRI = 0.3V
f = 1kHz
IL = 25mA
7
8
9
dB
IL = 52mA
2.5
3.5
4.5
IL = 25 to 52mA
7
8
9
RX Gain Flatness
∆G
V (RX)
VRI = 0.3V, fref = 1kHz, IL = 12 to 80mA
± 1
dB
RX Distortion
THDRX
f =1kHz
IL = 12mA
VRO = 1.6V
2
%
VRO = 1.9V
10
IL = 50mA
VRO = 1.8V
2
VRO = 2.1V
10
RX Noise
VNO (RX)
VRI = 0V, IL = 12 to 80mA
100
µV
RX Output Impedance
RO (RX)
VRO = 50mV, IL = 40mA
100
MF Supply Voltage
VDD (MF)
IL = 12 to 80mA
2.4
2.5
V
MF Supply Current
Standby
ISB (MF)
IL = 12 to 80mA
0.5
mA
Operation
IDD (MF)
2
MF Amplifier Gain
GV (MF)
IL = 12 to 80mA fMF = 1kHz,VMF = 80mV
15
17
dB
DC Input Voltage Level (pin 14)
VI (MF)
VMF = 80mV
0.3VDD
V
Input Impedance (pin 14)
ZI (MF)
VMF = 80mV
40
k
Distortion
THD MF
VMF = 110mV, IL = 12 to 80mA
2
%


Similar Part No. - S1T8501

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
   Automatic gain control system
S1T8507C01-D0B0 SAMSUNG-S1T8507C01-D0B0 Datasheet
93Kb / 6P
   Automatic gain control system
S1T8507C01-S0B0 SAMSUNG-S1T8507C01-S0B0 Datasheet
93Kb / 6P
   Automatic gain control system
More results

Similar Description - S1T8501

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
   SPEECH NETWORK WITH DIALER INTERFACE
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
IL6965 INTEGRAL-IL6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com