Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64319-3218 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 64319-3218
Description  .635mm (.025"), 1.50mm (.059") CMC Receptacle, 32 Circuits, Right Wire Output, GrayCoding, Mat Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

64319-3218 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  64319-3218 Datasheet HTML 1Page - Molex Electronics Ltd. 64319-3218 Datasheet HTML 2Page - Molex Electronics Ltd. 64319-3218 Datasheet HTML 3Page - Molex Electronics Ltd. 64319-3218 Datasheet HTML 4Page - Molex Electronics Ltd. 64319-3218 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0643193218
Status:
Active
Overview:
cmc_connectors
Description:
.635mm (.025"), 1.50mm (.059") CMC Receptacle, 32 Circuits, Right Wire Output, Gray
Coding, Mat Sealed
Documents:
3D Model
Product Specification PS-64319-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
General
Product Family
Crimp Housings
Series
64319
Comments
* Current tested on a 5 terminals loaded connector,
current for temperature increase of 40°C . Current max
= 6.0A for 0.635mm Terminal(0.75mm² wire) and 12.0A
for 1.5mm Terminal (2.0mm² wire) *
More Detailed Tech Information
Sealed, high-density, modular connecting system for
Power Train and Body Electronics applications in cars,
trucks, busses
Overview
cmc_connectors
Product Name
CMC
Physical
Circuits (maximum)
32
Circuits Detail
8 x 1.5mm & 24 x 0.635mm terminals
Color - Resin
Gray
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
4
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In, 0.146 In
Pitch - Mating Interface (mm)
2.54 mm, 3.70 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
12A, 6A
Material Info
Reference - Drawing Numbers
Application Specification
AS-64319-001
Packaging Specification
PK-64319-001
Product Specification
PS-64319-001
Sales Drawing
SD-64319-001, SD-98993-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64319Series
Mates With
Single 32 Circuit CMC Header - Please
Contact Molex
Use With
CMC CP Terminals 64322 , 64323. CMC
Wire Cap 643191201. Sealing Plugs
643251010 , 643251023
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 64319-3218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64319-3218 MOLEX-64319-3218 Datasheet
2Mb / 4P
   CMC Hybrid Connectors Standard and Power Versions
64319-3218 MOLEX11-64319-3218 Datasheet
66Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Right Wire Output, Gray Coding, Mat
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com