Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1T8515A01-U0B0 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S1T8515A01-U0B0
Description  FM IF RECEIVER FOR FLEX PAGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8515A01-U0B0 Datasheet(HTML) 2 Page - Samsung semiconductor

  S1T8515A01-U0B0 Datasheet HTML 1Page - Samsung semiconductor S1T8515A01-U0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8515A01-U0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8515A01-U0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8515A01-U0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8515A01-U0B0 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S1T8515A
FM IF RECEIVER FOR FLEX PAGER
2
BLOCK DIAGRAM
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
X-tal
Osc.
2nd
MIX
1.0V Regulator
Alarm
Limiting IF
Amplifier
FSK
Comparator
Quick
Charge
Quad
Detector
Bit-rate Filter
OSCI
OSCO
MO
Vcc
LI
LD
FSKR1
QD
C1
C2
C3
FIL VAR
MI
GND
REGO REGC
AO
FSKO1 FSKO2
BSC
QC1
QC2 FSKR2
RSSI
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
MI
GND
REGO
REGC
AO
FSKO1
FSKO2
BSC
QC1
QC2
FSKR2
RSSI
OSCI
OSCO
MO
Vcc
LI
LD
FSKR1
QD
C1
C2
C3
FIL VAR
S1T8515A


Similar Part No. - S1T8515A01-U0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8515A01-U0B0 SAMSUNG-S1T8515A01-U0B0 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
More results

Similar Description - S1T8515A01-U0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
New Japan Radio
NJM2294 NJRC-NJM2294 Datasheet
313Kb / 10P
   FM IF IC FOR PAGER
NJM2294 NJRC-NJM2294_1 Datasheet
193Kb / 9P
   FM IF IC FOR PAGER
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
LA8610M SANYO-LA8610M Datasheet
256Kb / 9P
   Pager Narrow-Band FM-IF Circuit
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com