Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0557633070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0557633070
Description  2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Surface Mount, Dual Row Vertical, Lead-free, 30 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0557633070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0557633070 Datasheet HTML 1Page - Molex Electronics Ltd. 0557633070 Datasheet HTML 2Page - Molex Electronics Ltd. 0557633070 Datasheet HTML 3Page - Molex Electronics Ltd. 0557633070 Datasheet HTML 4Page - Molex Electronics Ltd. 0557633070 Datasheet HTML 5Page - Molex Electronics Ltd. 0557633070 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0557633070
Status:
Active
Overview:
microclasp
Description:
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header, Surface Mount, Dual Row,
Vertical, Lead-free, 30 Circuits
Documents:
3D Model
Product Specification PS-51242-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
55763
Application
Wire-to-Board
Overview
microclasp
Product Name
MicroClasp™
Physical
Breakaway
No
Circuits (Loaded)
30
Circuits (maximum)
30
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.177 In
PC Tail Length (mm)
4.50 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-55763-001
Product Specification
PS-51242-002, RPS-51242-004
Sales Drawing
SD-55763-006, SD-55763-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55763Series
Mates With
51242 MicroClasp™ Wire-to-Board
Receptacle Housing
This document was generated on 05/27/2010


Similar Part No. - 0557633070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0557632070 MOLEX7-0557632070 Datasheet
435Kb / 6P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Surface Mount, Dual Row Vertical, Lead-free, 20 Circuits
0557634070 MOLEX7-0557634070 Datasheet
435Kb / 6P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Surface Mount, Dual Row,Vertical, Lead-free, 40 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com