Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1T8825X01-R0B0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1T8825X01-R0B0
Description  1.1GHZ DUAL PLL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825X01-R0B0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S1T8825X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
S1T8825
1.1GHZ DUAL PLL
6
PRELINIMARY( VER.2.1 )
CONTROL LATCH
The control register executes the following functions:
Mode selection (H: test mode, L: normal mode)
Charge pump’s polarity and output current selection for each channel.
Output state selection for Lock Detector.
Standby control of each channel and reference divider.
ON / OFF control in filter switch.
Figure 2.
Bit
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Name
T
CP
CP1
CP2
SB1
CP1
CP2
Description
test mode
charge
pump
output
polarity
channel 1
charge
pump
output
current
channel 1
charge
pump
output
current
channel 1
standby
channel 2
charge
pump
output
current
channel 2
charge
pump
output
current
Bit
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Bit 14
Name
SB2
SBR
LD1
LD2
SW
GC2
GC1
Description
channel 2
standby
reference
divider
standby
lock
detector
control 1
lock
detector
control 2
filter switch
group code
“0”
group code
“0”
T
CP
CP1
CP2
CP1
SB1
SB2
CP2
SBR
LD1
LD2
SW
GC2
"0"
GC1
"0"
LSB
Group Code
CH1
CH2
MSB


Similar Part No. - S1T8825X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
S1T8825B01-R0B0 SAMSUNG-S1T8825B01-R0B0 Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
More results

Similar Description - S1T8825X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
   1.1GHZ DUAL PLL
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
   1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
logo
Motorola, Inc
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
Fujitsu Component Limit...
MB1503 FUJITSU-MB1503 Datasheet
125Kb / 15P
   LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION (1.1GHz)
logo
List of Unclassifed Man...
SPT104 ETC1-SPT104 Datasheet
98Kb / 6P
   DC TO 1.1GHz LINEAR AMPLIFIER
logo
Fairchild Semiconductor
KH104 FAIRCHILD-KH104 Datasheet
268Kb / 6P
   DC to 1.1GHz Linear Amplifier
logo
List of Unclassifed Man...
GP214D ETC2-GP214D Datasheet
955Kb / 15P
   1.4GHz DUAL PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com