Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67492-1326 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67492-1326
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), 0.76關m (30關") Gold (Au) Plating, 22 Circuits, with Cap, EmbossedTape on Reel Packaging, Lead Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67492-1326 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67492-1326 Datasheet HTML 1Page - Molex Electronics Ltd. 67492-1326 Datasheet HTML 2Page - Molex Electronics Ltd. 67492-1326 Datasheet HTML 3Page - Molex Electronics Ltd. 67492-1326 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67492-008
Product Specification
PS-67492-001
Sales Drawing
SD-67492-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67492-1326

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67492-1320 MOLEX7-67492-1320 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), Gold (Au) Flash, 22 Circuits, Tray Packaging, Lead Free
67492-1321 MOLEX7-67492-1321 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), 0.76關m (30關") Gold (Au) Plating, Tray Packaging, 22 Circuits, LeadFree
67492-1322 MOLEX7-67492-1322 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), 0.38關m (15關") Gold (Au) Plating, Tray Packaging, 22 Circuits, LeadFree
67492-1325 MOLEX7-67492-1325 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), Gold (Au) Flash, 22 Circuits, with Cap, Embossed Tape on ReelPackaging, Lead Free
67492-1327 MOLEX7-67492-1327 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), 0.38關m (15關") Gold (Au) Plating, 22 Circuits, with Cap, EmbossedTape on Reel Packaging, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com