Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67068-9000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67068-9000
Description  Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right Angle, with Kinked Solder Tabs, Color White, Gold (Au) Flash Plating, Tray Pack, Lead Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67068-9000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67068-9000 Datasheet HTML 1Page - Molex Electronics Ltd. 67068-9000 Datasheet HTML 2Page - Molex Electronics Ltd. 67068-9000 Datasheet HTML 3Page - Molex Electronics Ltd. 67068-9000 Datasheet HTML 4Page - Molex Electronics Ltd. 67068-9000 Datasheet HTML 5Page - Molex Electronics Ltd. 67068-9000 Datasheet HTML 6Page - Molex Electronics Ltd. 67068-9000 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical
Current - Maximum per Contact
1.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-67998-0000
Sales Drawing
SD-67068-003, SD-67068-004
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67068-9000

ManufacturerPart #DatasheetDescription
logo
MolexKits
67068-9000 MOLEXKITS-67068-9000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
67068-9000 MOLEXKITS-67068-9000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

Similar Description - 67068-9000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0670689000 MOLEX1-0670689000_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right-Angle, with Kinked Solder Tabs, Color White, Gold (Au) Flash Plating, Tray Pack, Lead-Free
0670688000 MOLEX1-0670688000_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right-Angle, with Kinked Solder Tabs, Color Black, Gold (Au) Flash Plating, Tray Pack, Lead-Free
0670689010 MOLEX7-0670689010 Datasheet
274Kb / 6P
   Universal Serial Bus (USB), Shielded I/O, Type B Receptacle, Right Angle with Straight Tabs, Color White, Gold(Au) Flash Plating, Tray Pack, Lead Free
0670689001 MOLEX1-0670689001_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right-Angle, with Kinked Solder Tabs, Color White, 0.76關m Gold (Au)Plating, Tray Pack, Lead-Free
0670688000 MOLEX7-0670688000 Datasheet
339Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right Angle, with KinkedSolder Tabs, Color Black, Gold (Au) Flash Plating, Tray Pack, Lead Free
0670688010 MOLEX1-0670688010_18 Datasheet
34Kb / 2P
   Universal Serial Bus (USB), Shielded I/O, Type B Receptacle, Right-Angle with Straight Tabs, Color Black, Gold (Au) Flash Plating, Tray Pack, Lead-Free
0670688010 MOLEX7-0670688010 Datasheet
274Kb / 6P
   Universal Serial Bus (USB), Shielded I/O, Type B Receptacle, Right Angle with Straight Tabs, Color Black, Gold (Au) Flash Plating, Tray Pack, Lead Free
0670688001 MOLEX1-0670688001_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right-Angle, with Kinked Solder Tabs, Color Black, 0.76關m Gold (Au) Plating, Tray Pack, Lead-Free
0670687041 MOLEX1-0670687041_18 Datasheet
30Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right-Angle with Kinked Solder Tabs, Color Black, 0.76關m Gold (Au) Plating, Tray Pack, Lead-Free
0670689011 MOLEX1-0670689011_18 Datasheet
34Kb / 2P
   Universal Serial Bus (USB), Shielded I/O, Type B Receptacle, Right-Angle with Straight Tabs, Color White, 0.76關m Gold (Au) Plating, Tray Pack, Lead-Free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com