Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0510040900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0510040900
Description  2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 9 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0510040900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0510040900 Datasheet HTML 1Page - Molex Electronics Ltd. 0510040900 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510040900
Status:
Active
Overview:
microblade
Description:
2.00mm (.079") Pitch MicroBlade™ Wire-to-Board Housing, Friction Lock, 5.80mm
(.228") Height, 9 Circuits
Documents:
3D Model
Product Specification PS-51004-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51004
MolexKits
Yes
Overview
microblade
Product Name
MicroBlade™
Physical
Circuits (maximum)
9
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Electrical
Current - Maximum per Contact
2A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51004-001
Product Specification
PS-51004-002, RPS-51004-001, RPS-51004-002,
RPS-51004-003, RPS-51004-004, RPS-51004-006,
RPS-51004-008, RPS-51004-010, RPS-51004-011,
RPS-51004-012, RPS-51004-013, RPS-51004-014,
RPS-51004-015, RPS-51004-016, RPS-51004-017,
RPS-51004-018, RPS-51004-019, RPS-51004-020,
RPS-51004-021, RPS-51004-022, RPS-51004-023,
RPS-51004-024, RPS-51004-025
Sales Drawing
SD-51004-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51004Series
Mates With
53014 , 53015 , 53025 MicroBlade™
Headers
Use With
50011 Crimp Terminal
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0510040900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510040200 MOLEX7-0510040200 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 2 Circuits
0510040300 MOLEX7-0510040300 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 3 Circuits
0510040400 MOLEX7-0510040400 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 4 Circuits
0510040500 MOLEX7-0510040500 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 5 Circuits
0510040600 MOLEX7-0510040600 Datasheet
114Kb / 2P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com