Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C7031 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S3C7031
Description  The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7031 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S3C7031 Datasheet HTML 3Page - Samsung semiconductor S3C7031 Datasheet HTML 4Page - Samsung semiconductor S3C7031 Datasheet HTML 5Page - Samsung semiconductor S3C7031 Datasheet HTML 6Page - Samsung semiconductor S3C7031 Datasheet HTML 7Page - Samsung semiconductor S3C7031 Datasheet HTML 8Page - Samsung semiconductor S3C7031 Datasheet HTML 9Page - Samsung semiconductor S3C7031 Datasheet HTML 10Page - Samsung semiconductor S3C7031 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
S3C7031/7032
PRODUCT OVERVIEW
1-7
Schmit Trigger
Typical 50 K
(VDD =5V)
Pull-up
Registor
VDD
Pull-up Enable
I/O
VDD
Output Disable
Data
VSS
Open-drain
Figure 1-5. Pin Circuit Type 3


Similar Part No. - S3C7031

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C7048 SAMSUNG-S3C7048 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C70F4 SAMSUNG-S3C70F4 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results

Similar Description - S3C7031

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com