Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0502407225 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0502407225
Description  Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5(M3), Oxygen-Free Copper, Length 13.90mm (.547")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0502407225 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0502407225 Datasheet HTML 1Page - Molex Electronics Ltd. 0502407225 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0502407225

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0502407026 MOLEX7-0502407026 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/2" (M12), Oxygen-Free Copper, Length 26.90mm (1.059")
0502407325 MOLEX7-0502407325 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 6M3.5), Oxygen-Free Copper, Length 13.90mm (.547")
0502407525 MOLEX7-0502407525 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 8(M4), Oxygen-Free Copper, Length 16.00mm (.630")
0502407725 MOLEX7-0502407725 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 10(M5), Oxygen-Free Copper, Length 16.50mm (.650")
0502407825 MOLEX7-0502407825 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 21.70mm (.854")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com