Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C7235 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S3C7235
Description  The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7235 Datasheet(HTML) 5 Page - Samsung semiconductor

  S3C7235 Datasheet HTML 1Page - Samsung semiconductor S3C7235 Datasheet HTML 2Page - Samsung semiconductor S3C7235 Datasheet HTML 3Page - Samsung semiconductor S3C7235 Datasheet HTML 4Page - Samsung semiconductor S3C7235 Datasheet HTML 5Page - Samsung semiconductor S3C7235 Datasheet HTML 6Page - Samsung semiconductor S3C7235 Datasheet HTML 7Page - Samsung semiconductor S3C7235 Datasheet HTML 8Page - Samsung semiconductor S3C7235 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
S3C7238/P7238/C7235/P7235
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. S3C7238/C7235 Pin Descriptions
Pin Name
Pin
Type
Description
Number
Share
Pin
Reset
Value
Circuit
Type
P0.0
P0.1
P0.2
P0.3
I
I/O
I/O
I
4-bit input port.
1-bit and 4-bit read and test are possible.
4-bit pull-up resistors are software assignable.
20
21
22
23
INT4
SCK
SO
SI
Input
A-1
D *
D *
A-1
P1.0
P1.1
P1.2
P1.3
I
4-bit input port.
1-bit and 4-bit read and test are possible.
4-bit pull-up resistors are software assignable.
24
25
26
27
INT0
INT1
INT2
TCL0
Input
A-1
P2.0
P2.1
P2.2
P2.3
I/O
4-bit I/O port.
1-bit and 4-bit read/write and test are possible.
4-bit pull-up resistors are software assignable.
28
29
30
31
TCLO0
CLO
BUZ
Input
D
P3.0
P3.1
P3.2
P3.3
I/O
4-bit I/O port.
1-bit and 4-bit read/write and test are possible.
Each individual pin can be specified as input
or output. 4-bit pull-up resistors are software
assignable.
32
33
34
35
LCDCK
LCDSY
Input
D
P4.0–
P4.3
P5.0–
P5.3
I/O
4-bit I/O ports. N-channel open-drain output up
to 5 V. 1-, 4-, and 8-bit read/write and test are
possible. Ports 4 and 5 can be paired to
support 8-bit data transfer. 4-bit pull-up
resistors are software assignable.
36–43
Input
E
P6.0–
P6.3
P7.0–
P7.3
I/O
4-bit I/O ports. Port 6 pins are individually
software configurable as input or output. 1-bit
and 4-bit read/write and test are possible. 4-bit
pull-up resistors are software assignable. Ports
6 and 7 can be paired to enable 8-bit data
transfer.
44–51
KS0–KS3
KS4–KS7
Input
D *
P8.0–
P8.7
O
Output port for 1-bit data (for use as CMOS
driver only)
59–52
SEG24–
SEG31
Output
H-16
SEG0–
SEG23
O
LCD segment signal output
3–1,
80–60
Output
H-15
SEG24–
SEG31
O
LCD segment signal output
59–52
P8.0–P8.7
Output
H-16
COM0–
COM3
O
LCD common signal output
4–7
Output
H-15
V
LC0–VLC2
LCD power supply. Voltage dividing resistors
are assignable by mask option
9–11
SCLK
SDAT
BIAS
LCD power control
8
LCDCK
I/O
LCD clock output for display expansion
32
P3.0
Input
D


Similar Part No. - S3C7235

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3C72B7 SAMSUNG-S3C72B7 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3C72B9 SAMSUNG-S3C72B9 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C7235

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C72N2 SAMSUNG-S3C72N2 Datasheet
232Kb / 29P
   The S3C72N2/C72N4 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com