Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0520041210 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0520041210
Description  1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0520041210 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0520041210 Datasheet HTML 1Page - Molex Electronics Ltd. 0520041210 Datasheet HTML 2Page - Molex Electronics Ltd. 0520041210 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0520041210
Status:
Active
Description:
1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 12 Circuits
Documents:
3D Model
Product Specification PS-52004-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-52004-001 (PDF)
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
52004
Comments
Push-Cover
Component Type
One Piece
Glow-Wire Compliant
No
Product Name
Board-In, Wire Trap
Physical
Circuits (Loaded)
12
Entry Angle
Vertical
Lock to Mating Part
None
Number of Rows
1
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.059 In
Pitch - Mating Interface (mm)
1.50 mm
Polarized to Mating Part
N/A
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
1.50mm (.059") max.
Wire Size AWG
24, 26
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
150V
Material Info
Reference - Drawing Numbers
Product Specification
PS-52004-001, PS-52004-002
Sales Drawing
SD-52004-**10
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52004Series
Mates With
N/A
Use With
Topcoated ribbon cable
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0520041210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0520041010 MOLEX7-0520041010 Datasheet
171Kb / 3P
   1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 10 Circuits
0520041110 MOLEX7-0520041110 Datasheet
171Kb / 3P
   1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 11 Circuits
0520041310 MOLEX7-0520041310 Datasheet
171Kb / 3P
   1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 13 Circuits
0520041410 MOLEX7-0520041410 Datasheet
171Kb / 3P
   1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 14 Circuits
0520041510 MOLEX7-0520041510 Datasheet
171Kb / 3P
   1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 15 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com