Part Name
         Description
S3C72C8

 The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M ( 39 Page)


SAMSUNG
100% 
Zoom Out Zoom In
 6 page
background image
PRODUCT OVERVIEW
S3C72C8/P72C8
1-6
Table 1-1. S3C72C8 Pin Descriptions
Pin Name
Pin
Type
Description
Circuit
Type
Number
Share Pin
P0.0
P0.1
P0.2
P0.3
I/O
4-bit I/O port.
1-bit and 4-bit read/write and test are possible.
Individual pins are software configurable as
input or output; Individual pins are software
configurable as open-drain or push-pull output;
Individual pull-up resistors are software
assignable; pull-up resistors are automatically
disabled for output pins.
E–1
16 (22)
15 (21)
14 (20)
13 (19)
SCK
SO
SI
BTCO
P1.0
P1.1
P1.2
P1.3
I/O
Same as port 0.
E–1
39 (3)
40 (4)
41 (5)
42 (6)
TCLO1/INT0
TCL1/INT1
CLO/INT2
BUZ/INT4
P2.0
P2.1
P2.2
P2.3
I/O
Same as port 0 except that port 2 is not
configurable as n-channel open drain and is
configurable as analog input pin.
F–8
1 (7)
2 (8)
3 (9)
4 (10)
K0/CIN0
K1/CIN1
K2/CIN2
K3/CIN3
P3.0
P3.1
I/O
2-bit I/O port
1-bit and 4-bit read/write and test is possible.
Individual pins are software configurable as
input or output; Individual pins are software
configurable as open-drain or push-pull output;
2-bit pull-up resistors are software assignable;
pull-up resistors are automatically disabled for
output pins.
E–3
18 (24)
17 (23)
INTP30
INTP31
P4.0
P4.1
O
2-bit output port.
1-bit and 4-bit read/write and test is possible.
Individual pins are software configurable as
open-drain or push-pull output.
E-2
44
43
P5.0-P5.3
I/O
4-bit I/O port.
1-bit and 4-bit read/write and test is possible.
Individual pins are software configurable as
input or output; Individual pins are software
configurable as open-drain or push-pull output;
4-bit pull-up resistors are software assignable;
pull-up resistors are automatically disabled for
output pins.
H-13
19-22
(25-28)
SEG0-SEG3
P6.0-P6.3
I/O
Same as port5
H-13
23-26
(29-32)
SEG4-SEG7
P7.0-P7.3
I/O
Same as port5
H-13
27-30
(33-36)
SEG8-SEG11
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3204The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
S3C72I9The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C3316The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl