Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0535171310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0535171310
Description  2.50mm (.098") Pitch Mini-Lock??Wire-to-Board PCB Header, Vertical, 13 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0535171310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0535171310 Datasheet HTML 1Page - Molex Electronics Ltd. 0535171310 Datasheet HTML 2Page - Molex Electronics Ltd. 0535171310 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0535171310
Status:
Active
Description:
2.50mm (.098") Pitch Mini-Lock™ Wire-to-Board PCB Header, Vertical, 13 Circuits
Documents:
3D Model
Product Specification PS-51103-024 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51103-006 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
53517
Application
Wire-to-Board
Product Name
Mini-Lock™
Physical
Breakaway
No
Circuits (Loaded)
13
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51103-006, PS-51103-024, RPS-51103-001,
RPS-51103-003, RPS-51103-020, RPS-51103-035,
RPS-51103-043, RPS-51103-049, RPS-51103-057,
RPS-51163-001, RPS-51163-003
Sales Drawing
SD-53517-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53517Series
Mates With
51103 Crimp Housing. 50351 Crimp
Terminal


Similar Part No. - 0535171310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0535171010 MOLEX7-0535171010 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board PCB Header, Vertical, 10 Circuits
0535171110 MOLEX7-0535171110 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board PCB Header, Vertical, 11 Circuits
0535171210 MOLEX7-0535171210 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board PCB Header, Vertical, 12 Circuits
0535171410 MOLEX7-0535171410 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board PCB Header, Vertical, 14 Circuits
0535171510 MOLEX7-0535171510 Datasheet
143Kb / 3P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board PCB Header, Vertical, 15 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com