Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52117-0410 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 52117-0410
Description  2.00mm (.079") Pitch, Milli-Grid??Crimp Housing, 12 Circuits, without CenterPolarization Key, without Locking Ramp, Leadfree
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52117-0410 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  52117-0410 Datasheet HTML 1Page - Molex Electronics Ltd. 52117-0410 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 52117-0410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52117-0411 MOLEX7-52117-0411 Datasheet
109Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 4 Circuits
52117-0413 MOLEX7-52117-0413 Datasheet
109Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 2 Circuits, WideBody Type
52117-041X MOLEX-52117-041X Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com