Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64321-1018 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 64321-1018
Description  .635mm (.025"), 1.50mm (.059"), 2.80mm (.110"), CMC Recpetacle, 53 Circuits, LeftWire Output, Gray Coding, Mat Sealed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

64321-1018 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  64321-1018 Datasheet HTML 1Page - Molex Electronics Ltd. 64321-1018 Datasheet HTML 2Page - Molex Electronics Ltd. 64321-1018 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0643211018
Status:
Active
Overview:
cmc_connectors
Description:
.635mm (.025"), 1.50mm (.059"), 2.80mm (.110"), CMC Recpetacle, 53 Circuits, Left
Wire Output, Gray Coding, Mat Sealed
Documents:
3D Model
Product Specification PS-64321-001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
64321
Comments
* Current tested on a fully loaded connector, current
for temperature increase of 40°C. Current max = 21.0A
for 2.8mm Terminal (5.0mm² wire), 12.0A for 1.5mm
Terminal (2.0mm² wire), 2.5A for 0.635mm Terminal
(0.75mm² wire) *
More Detailed Tech Information
Sealed, high-density, power, modular connecting
system for Power Train and Body Electronics
applications in cars, trucks, busses
Overview
cmc_connectors
Product Name
CMC
Physical
Circuits (maximum)
53
Circuits Detail
5x 2.8mm, 8 x 1.5mm, 40 x 0.635mm terminals
Color - Resin
Gray
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
5
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In, 0.138 In, 0.276 In
Pitch - Mating Interface (mm)
2.54 mm, 3.50 mm, 7.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
12A, 2.5A, 21A
Material Info
Reference - Drawing Numbers
Application Specification
AS-64321-001
Product Specification
PS-64321-001
Sales Drawing
SD-64321-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64321Series
Mates With
53 Circuit CMC Header 98997-1002 -
Please Contact Molex for details
Use With
Female Terminals 64322 CP 0.635 (.025"),
64323 CP 1.5 (.059"). Circuit Way Plugs
643251010 , 643251023 , 643251091. CMC
Wire Cap 643211101. Header 989971002
(contact Molex on Header)
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 64321-1018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64321-1018 MOLEX-64321-1018 Datasheet
2Mb / 4P
   CMC Hybrid Connectors Standard and Power Versions
64321-1018 MOLEX11-64321-1018 Datasheet
65Kb / 2P
   .635mm, 1.50mm, 2.80mm, CMC Receptacle, 53 Circuits, Left Wire Output, Gray
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com