Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C72H8 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S3C72H8
Description  The S3C72H8 single-chip CMOS microcontroller has been designed for very high performance using Samsungs state-of-the-art 4-bit product development app
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72H8 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S3C72H8 Datasheet HTML 2Page - Samsung semiconductor S3C72H8 Datasheet HTML 3Page - Samsung semiconductor S3C72H8 Datasheet HTML 4Page - Samsung semiconductor S3C72H8 Datasheet HTML 5Page - Samsung semiconductor S3C72H8 Datasheet HTML 6Page - Samsung semiconductor S3C72H8 Datasheet HTML 7Page - Samsung semiconductor S3C72H8 Datasheet HTML 8Page - Samsung semiconductor S3C72H8 Datasheet HTML 9Page - Samsung semiconductor S3C72H8 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PRODUCT OVERVIEW
S3C72H8/P72H8
1-
6
Table 1-1. S3C72H8 Pin Descriptions (Continued)
Pin Name
Pin
Type
Description
Number
(64-QFP)
Share
Pin
Circuit
Type
KS0-KS3
I/O
Quasi-interrupt input with falling edge detection
25-28
P6.0-P6.3
D-1
ExtRef
I/O
External Reference input
6
P0.0
D-1
TCL0
I/O
External clock input for timer/counter 0
19
P2.2
D-1
FCL
I/O
External clock input for frequency counter
20
P2.3
D-1
TCLO0
I/O
Timer/counter 0 clock output
21
P3.0
D-1
COM0-COM3
O
LCD common signal output
61-64
H-16
SEG0-SEG25
O
LCD segment output
35-60
H-16
CA, CB
Voltage booster capacitor pins
1, 2
V
LC0-VLC2
Voltage booster output pins (V
LC0 is the regulated
output, V
LC1 is the 2* VLC0 output, VLC2 is the 3* VLC0
output)
3-5
C0P, C0N,
C0OUT
I/O
Comparator 0 non-inverting input, inverting input and
output. C0Out can be configured as C-MOS push-pull
or N-Ch open drain output
29-31
P4.0-P4.2
C1P, C1N,
C1OUT
I/O
I
Comparator 1 non-inverting input, inverting input and
output. C1Out can be configured as C-MOS push-pull
or N-Ch open drain output
32-34
P4.3-P5.1
RESET
Reset signal for chip initialization
16
B
V
DD
Main power supply
9
V
SS
Ground
10
TEST
Test signal input (must be connected to V
SS)
13
V
PP
SDAT
I/O
Serial data for OTP programming
7
P0.1
SCLK
I/O
Serial clock for OTP programming
8
P0.2
V
PP
Power supply pin for EPROM cell writing
13
TEST
NOTE: Pull-up resistors for ports 0, 2, 3, and 6 are automatically disabled if they are configured to output mode.
But pull-up resistors for ports 4 and 5 are retained its state even though they are configured to output mode.


Similar Part No. - S3C72H8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C72H8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7414 SAMSUNG-S3C7414 Datasheet
345Kb / 50P
   The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C4104 SAMSUNG-KS57C4104 Datasheet
233Kb / 52P
   The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com