Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67491-1031 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 67491-1031
Description  1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with 2.05mm (.081") PC TailLength, for 1.60mm (.063") PCB, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67491-1031 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  67491-1031 Datasheet HTML 1Page - Molex Electronics Ltd. 67491-1031 Datasheet HTML 2Page - Molex Electronics Ltd. 67491-1031 Datasheet HTML 3Page - Molex Electronics Ltd. 67491-1031 Datasheet HTML 4Page - Molex Electronics Ltd. 67491-1031 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0674911031
Status:
Active
Overview:
Serial ATA Products
Description:
1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7
Circuits, 0.76µm (30µ") Gold (Au) Selective Plating, with 2.05mm (.081") PC Tail
Length, for 1.60mm (.063") PCB, Lead-free
Documents:
3D Model
Product Specification PS-67491-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
67491
Application
Board-to-Board, Wire-to-Board
Overview
Serial ATA Products
Product Name
Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
7
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
Yes
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.081 In
PC Tail Length (mm)
2.05 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
50.8
Plating min: Termination (µm)
1.27
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67491Series
Mates With
Serial ATA Signal Connector 67489 , 88755


Similar Part No. - 67491-1031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67491-1030 MOLEX7-67491-1030 Datasheet
242Kb / 5P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, Gold (Au) Flash, with 2.05mm (.081") PC Tail Length, for 1.60mm (.063") PCBBlack Housing, Lead-free
logo
MolexKits
67491-1032 MOLEXKITS-67491-1032 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
logo
Molex Electronics Ltd.
67491-1032 MOLEX7-67491-1032 Datasheet
242Kb / 5P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38關m (15關") Gold (Au) Selective Plating, with 2.05mm (.081") PC TailLength, for 1.60mm (.063") PCB, Lead-free
67491-1035 MOLEX7-67491-1035 Datasheet
242Kb / 5P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, Gold (Au) Flash, with 2.35mm (.093") PC Tail Length, for 2.00mm (.079") PCBLead-free
67491-1036 MOLEX7-67491-1036 Datasheet
242Kb / 5P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with 2.35mm (.093") PC TailLength, for 2.00mm (.079") PCB, Lead-free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com